PART |
Description |
Maker |
XC5215-6HQ240C XC5215-6HQ208C XC5200-4PC84C XC5206 |
TV 6C 6#12 SKT RECP TV 6C 6#220 PIN RECP FPGA, 120 CLBS, 4000 GATES, 83 MHz, CPGA156 CTV 6C 6#22D PIN RECP 现场可编程门阵列 Field Programmable Gate Arrays 现场可编程门阵列 Field Programmable Gate Arrays FPGA, 64 CLBS, 2000 GATES, 10 MHz, PQFP64 ARTESYN PART 现场可编程门阵列 Field Programmable Gate Arrays FPGA, 120 CLBS, 4000 GATES, 83 MHz, PQFP100 Field Programmable Gate Arrays FPGA, 484 CLBS, 15000 GATES, 83 MHz, PQFP208 ECONOLINE: RZ - 1kVDC Isolation- SMD Package Styles- 5V, 12V and 15V Output- UL94V-0 Package Material- No Heatsink Required- No Extern. Components- Toroidal Magnetics- Efficiency to 62% FPGA, 324 CLBS, 10000 GATES, 83 MHz, PQFP208 Field Programmable Gate Arrays FPGA, 484 CLBS, 15000 GATES, 83 MHz, PQFP160 Field Programmable Gate Arrays FPGA, 324 CLBS, 10000 GATES, 83 MHz, CPGA223 Low-cost, register/latch rich, SRAM based
|
Xilinx, Inc. XILINX INC
|
XCV200 XCV100 XCV600 DS003-1 XCV1000 XCV400 XCV800 |
Virtex 2.5 V Field Programmable Gate Arrays Virtex?/a> 2.5 V Field Programmable Gate Arrays Fast, high-density Field-Programmable Gate Arrays
|
Xilinx, Inc http://
|
XC4013E-2HG240I XC4013E-2HG240M XC4013E-2HG240C XC |
Programmable Gate Arrays 可编程门阵列
|
Xilinx, Inc.
|
XC4013E-6PQ240I XC4013XL XC4010E XC4036XL XC4010XL |
ASIC 专用集成电路 XC4000E and XC4000X Series Field Programmable Gate Arrays XC4000E and XC4000X Series Field Programmable Gate Arrays
|
Electronic Theatre Controls, Inc. Xilinx, Inc http://
|
OR3L165B |
Field-Programmable Gate Arrays(现场可编程门阵列)
|
Lineage Power
|
XC3030A-7PC44C XC3064L-8PC84C XC3064L-8PC84I XC306 |
Field Programmable Gate Arrays (XC3000A/L, XC3100A/L)
|
Xilinx, Inc
|
ATT3030 |
(ATT3000 Series) Field Programmable Gate Arrays
|
Lucent Technologies
|
OR2C06A OR2C04A OR2T15A |
Field-Programmable Gate Ayyays Field-Programmable Gate Arrays
|
Lattice Semiconductor
|
PLS100 PLS101N PLS101A PLS101 |
Programmable logic arrays 16 ??48 ??8 Programmable logic arrays 16 48 8 (PLS100 / PLS101) Programmable logic arrays 16 x 48 x 8 Programmable logic arrays 16 48 8 Programmable logic arrays 16 】 48 】 8 Programmable logic arrays 16 × 48 × 8
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
XC4000E XC4002XL XC4003E XC4005E XC4005XL XC4006E |
Logic Cell Array Family Shielded Multiconductor Cable; Number of Conductors:15; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper; Jacket Color:Chrome RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:25; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper; Jacket Color:Chrome RoHS Compliant: Yes MB 41C 27#20 14#16 PIN PLUG Multiconductor Cable; Number of Conductors:10; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper; Jacket Color:Chrome RoHS Compliant: Yes FAN 220AC BISCUIT BT3A1 W/O FG RES, POT 2K 10% .5W 25T CE T.A Solid-State Panel Mount Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:32VDC; Control Voltage Min:3VDC; Load Current Max:90A; Switching:Zero Cross; Load Current Min:0.04A RES POT 5K00 PT 25T TA CE 3/8 XC4000E and XC4000X Series Field Programmable Gate Arrays XC4000E和XC4000X系列现场可编程门阵列 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 1024 CLBS, 18000 GATES, 166 MHz, PQFP240 High Insulation Power Relay (Sealed 1 Form C 1-Coil Latch) FPGA, 324 CLBS, 6000 GATES, 111 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 217 MHz, PQFP176 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 111 MHz, PQFP240 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 179 MHz, PQFP144 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 217 MHz, PQFP144 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 217 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 179 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 200 MHz, PQFP208 Labels; External Height:0.5"; External Width:0.5"; Label Material:Nylon-Cloth FPGA, 576 CLBS, 10000 GATES, 200 MHz, PQFP160 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 238 MHz, PBGA256 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 1024 CLBS, 18000 GATES, 217 MHz, PBGA256 RESISTOR-VARIABLE,LINEAR 50K,20 TURN,3/8 XC4000E和XC4000X系列现场可编程门阵列 RESISTOR-VARIABLE,LINEAR 20K,20 TURN XC4000E和XC4000X系列现场可编程门阵列 RESISTOR-VARIABLE,LINEAR 100K,20 TURN FPGA, 576 CLBS, 10000 GATES, 217 MHz, PBGA256 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 217 MHz, PQFP240 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 179 MHz, PQFP240 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 64 CLBS, 1000 GATES, 217 MHz, PQFP100 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 166 MHz, PQFP160 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 64 CLBS, 1000 GATES, 179 MHz, PQCC84 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 1024 CLBS, 18000 GATES, 166 MHz, PQFP160 XC4000E and XC4000X Series Field Programmable Gate Arrays XC4000EXC4000X系列现场可编程门阵列 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 179 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 200 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 200 MHz, PQFP100 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 200 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 179 MHz, PQFP160 SureGrip Hook Test Clips; For Use With:Fluke TL222 and TL224 Test Leads; Color:One Red, One Black RoHS Compliant: NA
|
Xilinx, Inc. TE Connectivity, Ltd. XILINX INC
|
|